Part Number Hot Search : 
20010 A102M TXN625 ON0546 1233M HRW0202B 68050 TS901
Product Description
Full Text Search
 

To Download EIC1010A-8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EIC1010A-8
UPDATED 07/20/2005
10.00-10.25 GHz 8-Watt Internally Matched Power FET
FEATURES
* * * * * * * * 10.00- 10.25GHz Bandwidth Input/Output Impedance Matched to 50 Ohms +39.0 dBm Output Power at 1dB Compression 7.0 dB Power Gain at 1dB Compression 31% Power Added Efficiency -46 dBc IM3 at Po = 28 dBm SCL Hermetic Metal Flange Package 100% Tested for DC, RF, and RTH
ELECTRICAL CHARACTERISTICS (Ta = 25C)
SYMBOL P1dB G1dB G PAE Id1dB IM3 IDSS VP RTH PARAMETERS/TEST CONDITIONS1
Output Power at 1dB Compression f = 10.00-10.25GHz VDS = 9 V, IDSQ 2200mA Gain at 1dB Compression f = 10.00-10.25GHz VDS = 9 V, IDSQ 2200mA Gain Flatness f = 10.00-10.25GHz VDS = 9 V, IDSQ 2200mA Power Added Efficiency at 1dB Compression f = 10.00-10.25GHz VDS = 9 V, IDSQ 2200mA Drain Current at 1dB Compression f = 10.00-10.25GHz Output 3rd Order Intermodulation Distortion f = 10 MHz 2-Tone Test; Pout = 28 dBm S.C.L2 VDS = 9 V, IDSQ 65% IDSS f = 10.25 GHz Saturated Drain Current Pinch-off Voltage Thermal Resistance
3
Caution! ESD sensitive device. MIN
38.0 6.5
TYP
39.0 7.5
MAX
UNITS
dBm dB
0.5 31 2300 -43 -46 4000 -2.5 3.5 5000 -4.0 4.0
o
dB %
2600
mA dBc mA V C/W
VDS = 3 V, VGS = 0 V VDS = 3 V, IDS = 40 mA
Note: 1.) Tested with 100 Ohm gate resistor.
2.) S.C.L. = Single Carrier Level.
3.) Overall Rth depends on case mounting.
ABSOLUTE MAXIMUM RATING
SYMBOL
VDS VGS IDS IGSF PIN PT TCH TSTG
1,2
CHARACTERISTIC
Drain to Source Voltage Gate to Source Voltage Drain Current Forward Gate Current Input Power Total Power Dissipation Channel Temperature Storage Temperature
VALUE
10 V -4.5 V IDSS 80 mA @ 3dB compression 38 W 175C -65/+175C
Notes: 1. Operating the device beyond any of the above ratings may result in permanent damage or reduction of MTTF. 2. Bias conditions must also satisfy the following equation PT < (TCH -TPKG)/RTH; where TPKG = temperature of package, and PT = (VDS * IDS) - (POUT - PIN). Specifications are subject to change without notice. Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085 Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com
page 1 of 4 Revised July 2005
EIC1010A-8
UPDATED 07/20/2005
10.00-10.25 GHz 8-Watt Internally Matched Power FET
PERFORMANCE DATA
Typical S-Parameters (T= 25C, 50 system, de-embedded to edge of package) VDS = 9 V, IDSQ 2200mA
S11 and S22
6 0.
Swp Max 10.5GHz
2. 0
1.0
0.8
10 5
S21 and S12
S[1,1] * EIC1010A-8
0. 4
0 4.
5.0
S21 and S12 (dB)
S[2,2] * EIC1010A-8
0 3.
0 -5 -10 -15 -20 9.75 9.875 10
DB(|S[2,1]|) * EIC1010A-8 DB(|S[1,2]|) * EIC1010A-8
10.0
-10 .0
0.2
0.4
0.6
0.8
1.0
2.0
3.0
4.0
. -0
4
-0 .6
-0. 8
.0 -2
FREQ (GHz)
--- S11 --MAG ANG
-1.0
9.750 9.875 10.000 10.125 10.250 10.375 10.500
0.335 0.252 0.171 0.133 0.166 0.228 0.292
-56.33 -76.92 -106.57 -155.37 156.13 124.27 103.20
Specifications are subject to change without notice. Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085 Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com
-4 .0 -5. 0
2 -0.
5.0
0
-3 .0
0.2
10. 0
Swp Min 9.75GHz
10.125 10.25 Frequency (GHz)
10.375
10.5
--- S21 --MAG ANG
--- S12 --MAG ANG
--- S22 --MAG ANG
2.652 2.697 2.711 2.715 2.679 2.631 2.561
129.33 114.11 98.91 83.63 68.11 52.77 38.07
0.116 0.120 0.124 0.124 0.123 0.124 0.122
84.60 70.15 54.94 39.56 24.26 10.00 -5.08
0.465 0.450 0.411 0.379 0.339 0.301 0.268
13.82 -0.78 -15.94 -31.58 -48.49 -67.38 -86.62
page 2 of 4 Revised July 2005
EIC1010A-8
UPDATED 07/20/2005
10.00-10.25 GHz 8-Watt Internally Matched Power FET
Power De-rating Curve and IM3 Definition
Power Dissipation vs. Temperature
40 35 Total Power Dissipation (W 30 25 20 15 10 5 0 0 25 50 75 100 125 Case Temperature (C) 150 175
Pin [S.C.L.] (dBm)
(2f2 - f1) or (2f1 - f2) THIRD-ORDER INTERCEPT POINT IP3
Pout [S.C.L.] (dBm)
Potentially Unsafe Operating Region
IP3 = Pout + IM3/2 f1 or f2
Pout Pin IM3
Safe Operating Region
IM3
f1 f2
(2f1-f2) f1 f2 (2f2-f1)
Typical Power Data (VDS = 9 V, IDSQ = 2200 mA)
40 39
P-1dB (dBm)
Typical IM3 Data (VDS = 9 V, IDSQ 65% IDSS)
12 11
G-1dB (dB)
P-1dB & G-1dB vs Frequency
IM3 vs Output Power
-20 -25 -30 -35 -40 -45 -50 -55 -60 -65 -70 20 21 22 23
f1 = 10.25 GHz, f2 = 10.26 GHz
38 37 36 35 9.6 9.8
P-1dB (dBm)
G-1dB (dB)
10 9 8 7 10.6
IM3 (dBc)
IM3 (dBc)
10.0
10.2
10.4
24
25
26
27
28
29
30
31
32
33
Frequency (GHz)
Pout [S.C.L.] (dBm)
Specifications are subject to change without notice. Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085 Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com
page 3 of 4 Revised July 2005
EIC1010A-8
UPDATED 07/20/2005
10.00-10.25 GHz 8-Watt Internally Matched Power FET
PACKAGE OUTLINE
Dimensions in inches, Tolerance + .005 unless otherwise specified
Excelics
EIC1010A-8
YYWW SN
ORDERING INFORMATION
Part Number EIC1010A-8
Notes:
Grade1 Industrial
fTest (GHz) 10.00-10.25 GHz
P1dB (min) 38.0
IM3 (min)2 -43
1. Contact factory for military and hi-rel grades. 2. Exact test conditions are specified in "Electrical Characteristics" table.
Specifications are subject to change without notice. Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085 Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com
page 4 of 4 Revised July 2005


▲Up To Search▲   

 
Price & Availability of EIC1010A-8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X